| 전자부품 데이터시트 검색엔진 |
|
HD151TS206SS 데이터시트(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD151TS206SS 데이터시트(HTML) 1 Page - Renesas Technology Corp |
|
1 / 34 page ![]() Rev.1.00, Apr.28.2003, page 1 of 34 HD151TS206SS Mother Board Clock Generator for Intel P4+ Chipset (Springdale) REJ03D0005-0100Z Preliminary Rev.1.00 Apr.28.2003 Description The HD151TS206SS is Intel CK409 type high-performance, low-skew, low-jitter, PC motherboard clock generator. It is specifically designed for Intel Pentium®4+ chipset. Features • 3 differential pairs of current mode control CPU clock • 1 differential pairs of Serial Reference Clock (SRC) • 6 PCI clocks and 3 PCIF clocks @3.3 V, 33.3 MHz typ. • 1 copy of 48 MHz for USB @3.3 V • 1 copy of 48 MHz for DOT @3.3 V • 4 copies of 3V66 clock @3.3 V,66.6 MHz • 1 copy of VCH@3.3 V, 48 MHz • Power save and clock stop function. • I2CTM serial port programming • Programmable Clock Control (Spread Spectrum Percentage, Clock Output Skew, Slew Rate) • 48pin SSOP (300 mils) Note: I 2C is a trademark of Philips Corporation. Pentium is registered trademark of Intel Corporation |
유사한 부품 번호 - HD151TS206SS |
|
유사한 설명 - HD151TS206SS |