| 전자부품 데이터시트 검색엔진 |
|
DS72011RB120FPV 데이터시트(PDF) 42 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DS72011RB120FPV 데이터시트(HTML) 42 Page - Renesas Technology Corp |
|
42 / 1196 page ![]() Section 1 Overview Rev. 2.00 Sep. 07, 2007 Page 14 of 1164 REJ09B0321-0200 Classification Symbol I/O Name Function Bus control BC0 O Byte select Selects bits 7 to 0 of data of external memory or device. (For an access in units of 8, 16, or 32 bits) BC1 O Byte select Selects bits 15 to 8 of data of external memory or device. (For an access in units of 16 or 32 bits) BC2 O Byte select Selects bits 23 to 16 of data of external memory or device. (For an access in units of 32 bits) BC3 O Byte select Selects bits 31 to 24 of data of external memory or device. (For an access in units of 32 bits) DQM0 O Byte select Selects bits D7 to D0 when SDRAM is connected. (For an access in units of 8, 16, or 32 bits) DQM1 O Byte select Selects bits D15 to D8 when SDRAM is connected. (For an access in units of 16 or 32 bits) DQM2 O Byte select Selects bits D23 to D16 when SDRAM is connected. (For an access in units of 32 bits) DQM3 O Byte select Selects bits D31 to D24 when SDRAM is connected. (For an access in units of 32 bits) SDCS1, SDCS0 O Chip select Pins connected to the CS pins of SDRAM SDRAS O RAS Pin connected to the RAS pin of SDRAM SDCAS O CAS Pin connected to the CAS pin of SDRAM SDWE O WE Pin connected to the WE pin of SDRAM SDCKE O CK enable Pin connected to the CKE pin of SDRAM SDCLK O Clock output Pin connected to the CLK pin of SDRAM |