| 전자부품 데이터시트 검색엔진 |
|
DS72011RB120FPV 데이터시트(PDF) 46 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DS72011RB120FPV 데이터시트(HTML) 46 Page - Renesas Technology Corp |
|
46 / 1196 page ![]() Section 1 Overview Rev. 2.00 Sep. 07, 2007 Page 18 of 1164 REJ09B0321-0200 Classification Symbol I/O Name Function Advanced user debugger II (AUD-II) AUDATA3 to AUDATA0 I/O AUD data Input pins for monitor addresses/data I/O pins AUDCK I AUD clock External clock input pin AUDSYNC I AUD sync signal Input pin for an signal identifying the data start position AUDMD I AUD mode Pin to select the AUD mode AUDRST I AUD reset Input pins for an AUD reset User break controller (UBC) UBCTRG O User break trigger output Trigger output pin for UBC condition match Note: * The pin with the pull-up function. |