| 전자부품 데이터시트 검색엔진 |
|
DS72011RB120FPV 데이터시트(PDF) 68 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DS72011RB120FPV 데이터시트(HTML) 68 Page - Renesas Technology Corp |
|
68 / 1196 page ![]() Section 2 CPU Rev. 2.00 Sep. 07, 2007 Page 40 of 1164 REJ09B0321-0200 Classification Types Operation Code Function No. of Instructions 6 AND Logical AND 14 NOT Bit inversion OR Logical OR TAS Memory test and bit set TST Logical AND and T bit set Logic operations XOR Exclusive OR Shift 12 ROTL One-bit left rotation 16 ROTR One-bit right rotation ROTCL One-bit left rotation with T bit ROTCR One-bit right rotation with T bit SHAD Dynamic arithmetic shift SHAL One-bit arithmetic left shift SHAR One-bit arithmetic right shift SHLD Dynamic logical shift SHLL One-bit logical left shift SHLLn n-bit logical left shift SHLR One-bit logical right shift SHLRn n-bit logical right shift Branch 10 BF Conditional branch, conditional delayed branch (branch when T = 0) 15 BT Conditional branch, conditional delayed branch (branch when T = 1) BRA Unconditional delayed branch BRAF Unconditional delayed branch BSR Delayed branch to subroutine procedure BSRF Delayed branch to subroutine procedure JMP Unconditional delayed branch JSR Branch to subroutine procedure Delayed branch to subroutine procedure RTS Return from subroutine procedure Delayed return from subroutine procedure RTV/N Return from subroutine procedure with Rm → R0 transfer |