| 전자부품 데이터시트 검색엔진 |
|
H8S2245 데이터시트(PDF) 755 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 데이터시트(HTML) 755 Page - Renesas Technology Corp |
|
755 / 818 page ![]() Appendix B Register Field Rev.3.00 Mar. 26, 2007 Page 713 of 772 REJ09B0355-0300 TIOR0H—Timer I/O Control Register 0H H'FFD2 TPU0 7 IOB3 0 R/W 6 IOB2 0 R/W 5 IOB1 0 R/W 4 IOB0 0 R/W 3 IOA3 0 R/W 0 IOA0 0 R/W 2 IOA2 0 R/W 1 IOA1 0 R/W 0 1 TGR0B I/O Control 0 1 0 1 0 1 0 1 0 1 * 0 1 0 1 0 1 0 1 0 1 * * 0 1 TGR0A is output compare register TGR0A I/O Control 0 1 0 1 0 1 0 1 0 1 * 0 1 0 1 0 1 0 1 0 1 * * Output disabled 0 output at compare match 1 output at compare match Toggle output at compare match 0 output at compare match 1 output at compare match Toggle output at compare match Input capture at rising edge Input capture at falling edge Input capture at both edges Legend: *: Don't care Legend: *: Don't care Bit Initial value Read/Write : : : Initial output is 0 output TGR0A is input capture register Output disabled Initial output is 1 output Capture input source is TIOCA0 pin Setting prohibited TGR0B is output compare register Output disabled 0 output at compare match 1 output at compare match Toggle output at compare match 0 output at compare match 1 output at compare match Toggle output at compare match Input capture at rising edge Input capture at falling edge Input capture at both edges Initial output is 0 output TGR0B is input capture register Output disabled Initial output is 1 output Capture input source is TIOCB0 pin Setting prohibited |