| 전자부품 데이터시트 검색엔진 |
|
HD6432351 데이터시트(PDF) 850 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432351 데이터시트(HTML) 850 Page - Renesas Technology Corp |
|
850 / 1025 page ![]() Appendix B Internal I/O Register Rev. 3.00 Sep 15, 2006 page 816 of 988 REJ09B0330-0300 MRB—DTC Mode Register B H'F800–H'FBFF DTC 7 CHNE Undefined — 6 DISEL Undefined — 5 — Undefined — 4 — Undefined — 3 — Undefined — 0 — Undefined — 2 — Undefined — 1 — Undefined — Bit Initial value Read/Write : : : DTC Chain Transfer Enable 0 1 End of DTC data transfer DTC chain transfer DTC Interrupt Select Reserved Only 0 should be written to these bits 0 1 After a data transfer ends, the CPU interrupt is disabled unless the transfer counter is 0 After a data transfer ends, the CPU interrupt is enabled SAR—DTC Source Address Register H'F800–H'FBFF DTC 23 Bit Initial value Read/Write : : : 22 21 20 19 43210 - - - - - - - - - - - - Specifies transfer data source address Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined Unde- fined Unde- fined Unde- fined Unde- fined —— — — — DAR—DTC Destination Address Register H'F800–H'FBFF DTC 23 Bit Initial value Read/Write : : : 22 21 20 19 43210 - - - - - - - - - - - - Specifies transfer data destination address Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — |