| 전자부품 데이터시트 검색엔진 |
|
HD6432351 데이터시트(PDF) 861 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432351 데이터시트(HTML) 861 Page - Renesas Technology Corp |
|
861 / 1025 page ![]() Appendix B Internal I/O Register Rev. 3.00 Sep 15, 2006 page 827 of 988 REJ09B0330-0300 TIOR4—Timer I/O Control Register 4 H'FE92 TPU4 7 IOB3 0 R/W 6 IOB2 0 R/W 5 IOB1 0 R/W 4 IOB0 0 R/W 3 IOA3 0 R/W 0 IOA0 0 R/W 2 IOA2 0 R/W 1 IOA1 0 R/W Bit Initial value Read/Write : : : 0 1 TGR4B is output compare register TGR4B I/O Control 0 1 0 1 0 1 0 1 0 1 * 0 1 0 1 0 1 0 1 0 1 * * TGR4A I/O Control 0 1 TGR4A is output compare register 0 1 0 1 0 1 0 1 0 1 * 0 1 0 1 0 1 0 1 0 1 * * Output disabled 0 output at compare match 1 output at compare match Toggle output at compare match Initial output is 0 output Output disabled 0 output at compare match 1 output at compare match Toggle output at compare match Initial output is 1 output Input capture at rising edge Input capture at falling edge Input capture at both edges TGR4A is input capture register Capture input source is TIOCA4 pin Input capture at generation of TGR3A compare match/input capture Capture input source is TGR3A compare match/ input capture Output disabled 0 output at compare match 1 output at compare match Toggle output at compare match Initial output is 0 output Output disabled 0 output at compare match 1 output at compare match Toggle output at compare match Initial output is 1 output Input capture at rising edge Input capture at falling edge Input capture at both edges TGR4B is input capture register Capture input source is TIOCB4 pin Input capture at generation of TGR3C compare match/input capture Capture input source is TGR3C compare match/ input capture Legend: *: Don’t care Legend: *: Don’t care |