| 전자부품 데이터시트 검색엔진 |
|
SH7708 데이터시트(PDF) 428 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708 데이터시트(HTML) 428 Page - Renesas Technology Corp |
|
428 / 633 page ![]() 410 Table 14.4 Relationship of n to CKS1 and CKS0 n CKS1 CKS0 000 101 210 311 Table 14.5 Examples of Bit Rate B (Bit/s) for SCBRR Settings (n = 0) P φ (MHz) N 7.1424 10.00 10.7136 13.00 14.2848 16.00 18.00 0 9600.0 13440.9 14400.0 17473.1 19200.0 21505.4 24193.5 1 4800.0 6720.4 7200.0 8736.6 9600.0 10752.7 12096.8 2 3200.0 4480.3 4800.0 5824.4 6400.0 7168.5 8064.5 Note: The bit rate is rounded to two decimal places. Calculate the value to be set in the bit rate register (SCBRR) from the operating frequency and the bit rate. N is an integer in the range 0 ≤ N ≤ 255, specifying a smallish error. N = × 106 – 1 1488 × 22n–1 × B φ P Table 14.6 Examples of SCBRR Settings for Bit Rate B (Bit/s) (n = 0) φ (MHz) (9600 Bits/s) 7.1424 10.00 10.7136 13.00 14.2848 16.00 18.00 N Error N Error N Error N Error N Error N Error N Error 0 0.00 1 30.00 1 25.00 1 8.99 1 0.00 1 12.01 2 15.99 |