| 전자부품 데이터시트 검색엔진 |
|
UM0034 데이터시트(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0034 데이터시트(HTML) 11 Page - STMicroelectronics |
|
11 / 39 page ![]() ST7-EMU3 series emulator Connectivity 11/39 3.2 USB port Your EMU3 emulator supports USB connection in both the emulation and in-circuit communication configurations, when using Windows® 98, Millenium, 2000 and XP®. 3.2.1 Connecting to the USB port Figure 9. USB connection between ST Micro Connect box and PC For USB port connections, plug the USB cable into the USB port of the ST Micro Connect box (as shown in Figure 9) and connect the other end into the PC’s USB port. Once the ST Micro Connect box is connected and powered-on for the first time, your PC will automatically look for a USB device driver. To USB port on PC Set the connection type in STVD7 or STVP7 ST Micro Connect box view of rear panel USB connector 1 3 2 |