전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASM2P3807A 데이터시트(PDF) 7 Page - PulseCore Semiconductor

부품명 ASM2P3807A
상세설명  3.3V CMOS 1-TO-10 CLOCK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PULSECORE [PulseCore Semiconductor]
홈페이지  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P3807A 데이터시트(HTML) 7 Page - PulseCore Semiconductor

Back Button ASM2P3807A Datasheet HTML 3Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 4Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 5Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 6Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 7Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 8Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 9Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 10Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 11Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
November 2006
ASM2P3807A
rev 0.3
3.3V CMOS 1-TO-10 CLOCK DRIVER
7 of 18
Notice: The information in this document is subject to change without notice.
Switching Characteristics Over Operating Range - Industrial
3,4
ASM2P3807A
Symbol
Parameter
Conditions
1
Min
2
Max
Unit
tPLH
tPHL
Propagation Delay
1.5
3
nS
tR
Output Rise Time
1.5
nS
tF
Output Fall Time
1.5
nS
tSK(O)
Output
skew:
skew
between
outputs
of
same package (same
transition)
0.45
nS
tSK(P)
Pulse
skew:
skew
between
opposite
transitions
of
same
output (|tPHL – tPLH|)
0.45
nS
tSK(T)
Package skew: skew
between
outputs
of
different packages at
same
power
supply
voltage,
temperature,
package
type
and
speed grade
50Ω to VCC/2
CL= 10pF
(See figure 1)
or 50Ω AC
termination,
CL= 10pF
(See figure 2)
f≤ 100MHz
Outputs
connected in
groups of two
0.65
nS
ASM2P3807A
Symbol
Parameter
Conditions
1
Min
2
Max
Unit
tPLH
tPHL
Propagation Delay
1.5
4
nS
tR
Output Rise Time
1.5
nS
tF
Output Fall Time
1.5
nS
tSK(O)
Output
skew:
skew
between
outputs
of
same package (same
transition)
0.45
nS
tSK(P)
Pulse
skew:
skew
between
opposite
transitions
of
same
output (|tPHL - tPLH|)
0.45
nS
tSK(T)
Package skew: skew
between outputs of
different packages at
same power supply
voltage, temperature,
package type and
speed grade
CL= 30pF
f≤ 67MHz
(See figure 3)
0.75
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com