전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASM2P3807A 데이터시트(PDF) 16 Page - PulseCore Semiconductor

부품명 ASM2P3807A
상세설명  3.3V CMOS 1-TO-10 CLOCK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PULSECORE [PulseCore Semiconductor]
홈페이지  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P3807A 데이터시트(HTML) 16 Page - PulseCore Semiconductor

Back Button ASM2P3807A Datasheet HTML 10Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 11Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 12Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 13Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 14Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 15Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 16Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 17Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 18Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
November 2006
ASM2P3807A
rev 0.3
3.3V CMOS 1-TO-10 CLOCK DRIVER
16 of 18
Notice: The information in this document is subject to change without notice.
20-lead QSOP Package
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
0.060
0.068
1.52
1.73
A1
0.004
0.008
0.10
0.20
b
0.009
0.012
0.23
0.30
c
0.007
0.010
0.18
0.25
D
0.337
0.344
8.56
8.74
E
0.150
0.157
3.81
3.99
e
0.025 BSC
0.64 BSC
H
0.230
0.244
5.84
6.20
h
0.010
0.016
0.25
0.41
L
0.014
0.030
0.35
0.75
S
0.056
0.060
1.42
1.52
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com