전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASM2P3807A 데이터시트(PDF) 12 Page - PulseCore Semiconductor

부품명 ASM2P3807A
상세설명  3.3V CMOS 1-TO-10 CLOCK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PULSECORE [PulseCore Semiconductor]
홈페이지  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P3807A 데이터시트(HTML) 12 Page - PulseCore Semiconductor

Back Button ASM2P3807A Datasheet HTML 8Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 9Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 10Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 11Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 12Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 13Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 14Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 15Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 16Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
November 2006
ASM2P3807A
rev 0.3
3.3V CMOS 1-TO-10 CLOCK DRIVER
12 of 18
Notice: The information in this document is subject to change without notice.
Output Skew - tSK(O)
Package Skew - tSK(T)
Package 1 and Package 2 are same device type and speed grade
tSK(t) =[ tPLH2 – tPLH 1 ] or [tPHL2 - tPHL1 ]
VOH
1.5 V
VOL
PACKAGE 1 OUTPUT
VOH
1.5 V
VOL
PACKAGE 2 OUTPUT
tPLH 1
tPLHL 1
tSK(t)
tPLH2
tPHL2
tSK(t)
3V
1.5V
OV
INPUT
tSK(O) =[ tPLH2 – tPLH 1 ] or [tPHL2 - tPHL1 ]
VOH
1.5 V
VOL
OUTPUT 2
VOH
1.5 V
VOL
OUTPUT 1
tPLH 1
tPLHL 1
tSK(0)
tPLH2
tPHL2
tSK(O
3V
1.5V
OV
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com