전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASM2P3807A 데이터시트(PDF) 8 Page - PulseCore Semiconductor

부품명 ASM2P3807A
상세설명  3.3V CMOS 1-TO-10 CLOCK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PULSECORE [PulseCore Semiconductor]
홈페이지  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P3807A 데이터시트(HTML) 8 Page - PulseCore Semiconductor

Back Button ASM2P3807A Datasheet HTML 4Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 5Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 6Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 7Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 8Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 9Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 10Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 11Page - PulseCore Semiconductor ASM2P3807A Datasheet HTML 12Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
November 2006
ASM2P3807A
rev 0.3
3.3V CMOS 1-TO-10 CLOCK DRIVER
8 of 18
Notice: The information in this document is subject to change without notice.
ASM2P3807A
Symbol
Parameter
Conditions
1
Min
2
Max
Unit
tPLH
tPHL
Propagation Delay
1.5
4.3
nS
tR
Output Rise Time
1.5
nS
tF
Output Fall Time
1.5
nS
tSK(O)
Output
skew:
skew
between
outputs
of
same package (same
transition)
0.45
nS
tSK(P)
Pulse
skew:
skew
between
opposite
transitions
of
same
output (|tPHL - tPLH|)
0.45
nS
tSK(T)
Package skew: skew
between
outputs
of
different packages at
same
power
supply
voltage,
temperature,
package
type
and
speed grade
CL= 50pF
f≤ 40MHz
(See figure 4)
0.75
nS
NOTES:1. See test circuits and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. tPLH, tPHL, tSK(t) are production tested. All other parameters guaranteed but not production tested.
4. Propagation delay range indicated by Min and Max limit is due to VCC, operating temperature and process parameters. These propagation delay limits
do not imply skew.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com