전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB91F467DA 데이터시트(PDF) 23 Page - fujitsu semiconductor

부품명 MB91F467DA
상세설명  32-bit Microcontroller
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB91F467DA 데이터시트(HTML) 23 Page - fujitsu semiconductor

Back Button MB91F467DA Datasheet HTML 19Page - fujitsu semiconductor MB91F467DA Datasheet HTML 20Page - fujitsu semiconductor MB91F467DA Datasheet HTML 21Page - fujitsu semiconductor MB91F467DA Datasheet HTML 22Page - fujitsu semiconductor MB91F467DA Datasheet HTML 23Page - fujitsu semiconductor MB91F467DA Datasheet HTML 24Page - fujitsu semiconductor MB91F467DA Datasheet HTML 25Page - fujitsu semiconductor MB91F467DA Datasheet HTML 26Page - fujitsu semiconductor MB91F467DA Datasheet HTML 27Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 140 page
background image
MB91460D Series
DS07-16612-2E
23
6.
Mode pins (MD_x)
These pins should be connected directly to the power supply or ground pins. To prevent the device from entering
test mode accidentally due to noise, minimize the lengths of the patterns between each mode pin and power
supply pin or ground pin on the printed circuit board as possible and connect them with low impedance.
7.
Notes on operating in PLL clock mode
If the oscillator is disconnected or the clock input stops when the PLL clock is selected, the microcontroller may
continue to operate at the free-running frequency of the self-oscillating circuit of the PLL. However, this self-
running operation cannot be guaranteed.
8.
Pull-up control
The AC standard is not guaranteed in case a pull-up resistor is connected to the pin serving as an external bus pin.
9.
Notes on PS register
As the PS register is processed in advance by some instructions, when the debugger is being used, the exception
handling may result in execution breaking in an interrupt handling routine or the displayed values of the flags in
the PS register being updated.
As the microcontroller is designed to carry out reprocessing correctly upon returning from such an EIT event,
the operation before and after the EIT always proceeds according to specification.
• The following behavior may occur if any of the following occurs in the instruction
immediately after a DIV0U/DIV0S instruction:
(a) a user interrupt or NMI is accepted;
(b) single-step execution is performed;
(c) execution breaks due to a data event or from the emulator menu.
1. D0 and D1 flags are updated in advance.
2. An EIT handling routine (user interrupt/NMI or emulator) is executed.
3. Upon returning from the EIT, the DIV0U/DIV0S instruction is executed
and the D0 and D1 flags are updated to the same values as those in 1.
• The following behavior occurs when an ORCCR, STILM, MOV Ri,PS instruction is executed
to enable a user interrupt or NMI source while that interrupt is in the active state.
1. The PS register is updated in advance.
2. An EIT handling routine (user interrupt/NMI or emulator) is executed.
3. Upon returning from the EIT, the above instructions are executed and the PS register
is updated to the same value as in 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More