| 전자부품 데이터시트 검색엔진 |
|
MB91F467DA 데이터시트(PDF) 25 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F467DA 데이터시트(HTML) 25 Page - fujitsu semiconductor |
|
25 / 140 page ![]() MB91460D Series DS07-16612-2E 25 ■ BLOCK DIAGRAM 1. MB91F465DA, MB91F467Dx DREQ0 DACKX0 DEOP0 DEOTX0 AIN0,AIN2,AIN3 BIN0,BIN2,BIN3 ZIN0,ZIN2,ZIN3 TTG8 to TTG11, TTG4/12 to TTG7/15 PPG4 to PPG15 TIN0 to TIN7 TOT0 to TOT3 CK2,CK4 to CK7 ICU0 to ICU7 OCU0 to OCU3 ALARM_0 PFM SDA0,SDA2,SDA3 SCL0,SCL2,SCL3 AN0 to AN7, AN16 to AN31 ATGX SGA SGO SIN2,SIN4 to SIN7 SOT2,SOT4 to SOT7 SCK2,SCK4 to SCK7 SMC1P0 to SMC1P5 SMC1M0 to SMC1M5 SMC2M0 to SMC2M5 SMC2P0 to SMC2P5 ASX RDX WRX0 to WRX3 MCLKI BGRNTX CSX0 to CSX3,CSX6,CSX7 A0 to A25 D0 to D31 RX0 to RX2 TX0 to TX2 R-bus 16 I-bus 32 D-bus 32 FR60 CPU core Flash-Cache 8 Kbytes Flash memory 1088 Kbytes (MB91F467Dx) 544 Kbytes (MB91F465DA) ID-RAM 32 Kbytes (MB91F467Dx) 16 Kbytes (MB91F465DA) Bus converter D-RAM 32 Kbytes Bit search CAN 3 channels 32 <-> 16 bus adapter External bus interface DMAC 5 channels BRQ MCLKE MCLKO WEX BAAX Clock modulator Clock monitor MONCLK Interrupt controller INT0 to INT10, INT12 to INT14 External interrupt 14 channels Clock supervisor Clock control PPG timer 12 channels Reload timer 8 channels Free-run timer 8 channels Input capture 8 channels Output compare 4 channels Up/down counter 3 channels PFM timer 1 channel Alarm comparator 1 channel LIN-USART 5 channels 3 channels I C 2 Real time clock A/D converter 24 channels Stepper motor controller 6 channels Sound generator 1 channel |