전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB91F467DA 데이터시트(PDF) 30 Page - fujitsu semiconductor

부품명 MB91F467DA
상세설명  32-bit Microcontroller
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB91F467DA 데이터시트(HTML) 30 Page - fujitsu semiconductor

Back Button MB91F467DA Datasheet HTML 26Page - fujitsu semiconductor MB91F467DA Datasheet HTML 27Page - fujitsu semiconductor MB91F467DA Datasheet HTML 28Page - fujitsu semiconductor MB91F467DA Datasheet HTML 29Page - fujitsu semiconductor MB91F467DA Datasheet HTML 30Page - fujitsu semiconductor MB91F467DA Datasheet HTML 31Page - fujitsu semiconductor MB91F467DA Datasheet HTML 32Page - fujitsu semiconductor MB91F467DA Datasheet HTML 33Page - fujitsu semiconductor MB91F467DA Datasheet HTML 34Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 140 page
background image
MB91460D Series
30
DS07-16612-2E
4.7.
TBR (Table Base Register)
The table base register stores the starting address of the vector table used in EIT processing.
The initial value at reset is 000FFC00H.
4.8.
RP (Return Pointer)
The return pointer stores the address for return from subroutines.
During execution of a CALL instruction, the PC value is transferred to this RP register.
During execution of a RET instruction, the contents of the RP register are transferred to PC.
The initial value at reset is undefined.
4.9.
USP (User Stack Pointer)
The user stack pointer, when the S flag is “1”, this register functions as the R15 register.
• The USP register can also be explicitly specified.
The initial value at reset is undefined.
• This register cannot be used with RETI instructions.
4.10. Multiply & divide registers
These registers are for multiplication and division, and are each 32 bits in length.
The initial value at reset is undefined.
bit 0
bit 31
000FFC00H
Initial value
bit 0
bit 31
XXXXXXXXH
Initial value
bit 0
bit 31
XXXXXXXXH
Initial value
bit 0
MDL
bit 31
MDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More