전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN8720 데이터시트(PDF) 10 Page - SMSC Corporation

부품명 LAN8720
상세설명  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8720 데이터시트(HTML) 10 Page - SMSC Corporation

Back Button LAN8720 Datasheet HTML 6Page - SMSC Corporation LAN8720 Datasheet HTML 7Page - SMSC Corporation LAN8720 Datasheet HTML 8Page - SMSC Corporation LAN8720 Datasheet HTML 9Page - SMSC Corporation LAN8720 Datasheet HTML 10Page - SMSC Corporation LAN8720 Datasheet HTML 11Page - SMSC Corporation LAN8720 Datasheet HTML 12Page - SMSC Corporation LAN8720 Datasheet HTML 13Page - SMSC Corporation LAN8720 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Datasheet
Revision 1.0 (05-28-09)
10
SMSC LAN8720/LAN8720i
DATASHEET
1.3
Architectural Overview
The LAN8720/LAN8720i is compliant with IEEE 802.3-2005 standards (RMII Pins tolerant to 3.6V) and
supports both IEEE 802.3-2005 compliant and vendor-specific register functions. It contains a full-
duplex 10-BASE-T/100BASE-TX transceiver and supports 10-Mbps (10BASE-T) operation, and 100-
Mbps (100BASE-TX) operation. The LAN8720/LAN8720i can be configured to operate on a single 3.3V
supply utilizing an integrated 3.3V to 1.2V linear regulator. An option is available to disable the linear
regulator to optimize system designs that have a 1.2V power supply available. This allows for the use
of a high efficiency external regulator for lower system power dissipation.
1.3.1
Configuration
The LAN8720 will begin normal operation following reset, and no register access is required. The initial
configuration may be selected with configuration pins as described in Section 5.3.9. In addition,
register-selectable configuration options may be used to further define the functionality of the
transceiver. For example, the device can be set to 10BASE-T only. The LAN8720 supports both IEEE
802.3-2005 compliant and vendor-specific register functions.
Figure 1.1 LAN8720/LAN8720i System Block Diagram
LAN8720
Ethernet
Transceiver
MODE
RMII
LED Status
10/100
Ethernet
MAC
Crystal or
Clock Osc
MDI
Transformer
RJ45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com