전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN8720 데이터시트(PDF) 46 Page - SMSC Corporation

부품명 LAN8720
상세설명  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8720 데이터시트(HTML) 46 Page - SMSC Corporation

Back Button LAN8720 Datasheet HTML 42Page - SMSC Corporation LAN8720 Datasheet HTML 43Page - SMSC Corporation LAN8720 Datasheet HTML 44Page - SMSC Corporation LAN8720 Datasheet HTML 45Page - SMSC Corporation LAN8720 Datasheet HTML 46Page - SMSC Corporation LAN8720 Datasheet HTML 47Page - SMSC Corporation LAN8720 Datasheet HTML 48Page - SMSC Corporation LAN8720 Datasheet HTML 49Page - SMSC Corporation LAN8720 Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 79 page
background image
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Datasheet
Revision 1.0 (05-28-09)
46
SMSC LAN8720/LAN8720i
DATASHEET
Table 5.32 Register 27 - Special Control/Status Indications
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT
27.15
AMDIXCTRL
HP Auto-MDIX control
0 - Auto-MDIX enable
1 - Auto-MDIX disabled (use 27.13 to control channel)
RW
0
27.14
Reserved
Reserved
RW
0
27.13
CH_SELECT
Manual Channel Select
0 - MDI -TX transmits RX receives
1 - MDIX -TX receives RX transmits
RW
0
27.12
Reserved
Write as 0. Ignore on read.
RW
0
27:11
SQEOFF
Disable the SQE (Signal Quality Error) test
(Heartbeat):
0 - SQE test is enabled.
1 - SQE test is disabled.
RW,
NASR
0
27.10:5
Reserved
Write as 0. Ignore on read.
RW
000000
27.4
XPOL
Polarity state of the 10Base-T:
0 - Normal polarity
1 - Reversed polarity
RO
0
27.3:0
Reserved
Reserved
RO
XXXXb
Table 5.33 Register 28 - Special Internal Testability Controls
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT
28.15:0
Reserved
Do not write to this register. Ignore on read.
RW
N/A
Table 5.34 Register 29 - Interrupt Source Flags
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT
29.15:8
Reserved
Ignore on read.
RO/
LH
0
29.7
INT7
1 = ENERGYON generated
0 = not source of interrupt
RO/
LH
X
29.6
INT6
1 = Auto-Negotiation complete
0 = not source of interrupt
RO/
LH
X
29.5
INT5
1 = Remote Fault Detected
0 = not source of interrupt
RO/
LH
X
29.4
INT4
1 = Link Down (link status negated)
0 = not source of interrupt
RO/
LH
X
29.3
INT3
1 = Auto-Negotiation LP Acknowledge
0 = not source of interrupt
RO/
LH
X
29.2
INT2
1 = Parallel Detection Fault
0 = not source of interrupt
RO/
LH
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com