전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN8720 데이터시트(PDF) 32 Page - SMSC Corporation

부품명 LAN8720
상세설명  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8720 데이터시트(HTML) 32 Page - SMSC Corporation

Back Button LAN8720 Datasheet HTML 28Page - SMSC Corporation LAN8720 Datasheet HTML 29Page - SMSC Corporation LAN8720 Datasheet HTML 30Page - SMSC Corporation LAN8720 Datasheet HTML 31Page - SMSC Corporation LAN8720 Datasheet HTML 32Page - SMSC Corporation LAN8720 Datasheet HTML 33Page - SMSC Corporation LAN8720 Datasheet HTML 34Page - SMSC Corporation LAN8720 Datasheet HTML 35Page - SMSC Corporation LAN8720 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 79 page
background image
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Datasheet
Revision 1.0 (05-28-09)
32
SMSC LAN8720/LAN8720i
DATASHEET
4.10
nINTSEL Strapping and LED Polarity Selection
The LED2/nINTSEL pin is used to select between one of two available modes: REF_CLK In Mode
and REF_CLK Out Mode. The configured mode determines the function of the nINT/REFCLK0 pin.
When configured for REF_CLK Out Mode, the LAN8720 generates the 50MHz RMII REF_CLK and
the interrupt is not available in this mode.
The nINTSEL pin is shared with the LED2 pin. The LED2 output will automatically change polarity
based on the presence of an external pull-down resistor. If the LED pin is pulled high (by the internal
pull-up resistor) to select a logical high for nINTSEL, then the LED output will be active low. If the LED
pin is pulled low by an external pull-down resistor to select a logical low nINTSEL, the LED output will
then be an active high output.
To set nINTSEL without LEDs, float the pin to set nINTSEL high or pull-down the pin with an external
resistor to GND to set nINTSEL low. See Figure 4.8.
The LED2/nINTSEL pin is latched on the rising edge of the nRST. The default setting is to float the
pin high for nINT mode.
Figure 4.7 Direct Cable Connection vs. Cross-over Cable Connection
Table 4.3 LED2/nINTSEL Configuration
POLARITY
MODE
REF_CLK DESCRIPTION
LED2/nINTSEL = 0
REF_CLK Out Mode
nINT/REFCLK0 is the source of REF_CLK.
LED2/nINTSEL = 1
REF_CLK In Mode
nINT/REFCLK0 is an active low interrupt output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com