전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN8720 데이터시트(PDF) 9 Page - SMSC Corporation

부품명 LAN8720
상세설명  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8720 데이터시트(HTML) 9 Page - SMSC Corporation

Back Button LAN8720 Datasheet HTML 5Page - SMSC Corporation LAN8720 Datasheet HTML 6Page - SMSC Corporation LAN8720 Datasheet HTML 7Page - SMSC Corporation LAN8720 Datasheet HTML 8Page - SMSC Corporation LAN8720 Datasheet HTML 9Page - SMSC Corporation LAN8720 Datasheet HTML 10Page - SMSC Corporation LAN8720 Datasheet HTML 11Page - SMSC Corporation LAN8720 Datasheet HTML 12Page - SMSC Corporation LAN8720 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 79 page
background image
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Datasheet
SMSC LAN8720/LAN8720i
9
Revision 1.0 (05-28-09)
DATASHEET
Chapter 1 Introduction
1.1
General Terms and Conventions
The following is list of the general terms used in this document:
1.2
General Description
The LAN8720/LAN8720i is a low-power 10BASE-T/100BASE-TX physical layer (PHY) transceiver that
transmits and receives on unshielded twisted-pair cable. A typical system application is shown in
Figure 1.2. It is available in both extended commercial and industrial temperature operating versions.
The LAN8720/LAN8720i interfaces to the MAC layer using a variable voltage digital interface via the
RMII interface. The digital interface pins are tolerant to 3.6V.
The LAN8720/LAN8720i implements Auto-Negotiation to automatically determine the best possible
speed and duplex mode of operation. HP Auto-MDIX support allows using a direct connect LAN cable,
or a cross-over path cable.
The LAN8720 referenced throughout this document applies to both the extended commercial
temperature and industrial temperature components. The LAN8720i refers to only the industrial
temperature component.
BYTE
8-bits
FIFO
First In First Out buffer; often used for elasticity buffer
MAC
Media Access Controller
MII
Media Independent Interface
RMIITM
Reduced Media Independent InterfaceTM
N/A
Not Applicable
X
Indicates that a logic state is “don’t care” or undefined.
RESERVED
Refers to a reserved bit field or address. Unless otherwise noted, reserved
bits must always be zero for write operations. Unless otherwise noted, values
are not guaranteed when reading reserved bits. Unless otherwise noted, do
not read or write to reserved addresses.
SMI
Serial Management Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com