| 전자부품 데이터시트 검색엔진 |
|
AT45DB021D 데이터시트(PDF) 40 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB021D 데이터시트(HTML) 40 Page - ATMEL Corporation |
|
40 / 54 page ![]() 40 3638I–DFLASH–04/09 AT45DB021D 22. Write Operations The following block diagram and waveforms illustrate the various write sequences available. 22.1 Buffer Write 22.2 Buffer to Main Memory Page Program (Data from Buffer Programmed into Flash Page) FLASH MEMORY ARRAY PAGE (256/264 BYTES) BUFFER (256/264 BYTES) I/O INTERFACE SI BUFFER TO MAIN MEMORY PAGE PROGRAM BUFFER WRITE SI (INPUT) CMD Completes writing into the buffer CS X X···X, BFA8 BFA7-0 n n+1 Last Byte BINARY PAGE SIZE 16 DON'T CARE + BFA7-BFA0 SI (INPUT) CMD PA9-7 PA6-0, X CS Starts self-timed erase/program operation XXXX XX Each transition represents 8 bits n = 1st byte read n+1 = 2nd byte read BINARY PAGE SIZE A17-A8 + 8 DON'T CARE BITS |