전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7533 데이터시트(PDF) 49 Page - Sitronix Technology Co., Ltd.

부품명 ST7533
상세설명  33 x 96 Dot Matrix LCD Controller/Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITRONIX [Sitronix Technology Co., Ltd.]
홈페이지  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7533 데이터시트(HTML) 49 Page - Sitronix Technology Co., Ltd.

Back Button ST7533 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
ST7533
Ver 1.0
49/60
2003/07/21
• The Relationship Between Oscillator Frequency fOSC, Display Clock Frequency fCL and the Liquid Crystal Frame
Rate Frequency fFR
Table 23
Item
fCL
fFR
Used internal oscillator circuit
fOSC / 8
fOSC / (8*33)
1/33 DUTY
Used external display clock
External input (fCL)
fCL / 264
Used internal oscillator circuit
fOSC / 16
fOSC / (16*17)
1/17 DUTY
Used external display clock
External input (fCL)
fCL / 272
(fFR is the liquid crystal alternating current period, and not the FR signal period.)
References for items market with *
*1 While a broad range of operating voltages is guaranteed, performance cannot be guaranteed if there are sudden
fluctuations to the voltage while the MPU is being accessed.
*2 The operating voltage range for the VDD system and the V5 system is. This applies when the external power supply is
being used.
*3 The A0, D0 to D5, D6 (SCL), D7 (SI), RD (E), /WR (R/W), /CS1, CS2, CLS, CL, FR, M/S and
C86, P/S, /DOF, /RES, IRS, and /HPM terminals.
*4 The D0 to D7, FR, FRS, /DOF, and CL terminals.
*5 The A0, /RD (E), /WR (R/W), /CS1, CS2, CLS, M/S, C86, P/S, /RES, IRS, and /HPM terminals.
*6 Applies when the D0 to D5, D6 (SCL), D7 (SI), CL, FR, and /DOF terminals are in a high impedance state.
*7 These are the resistance values for when a 0.1 V voltage is applied between the output terminal SEGn or COMn and the
various power supply terminals (V1, V2, V3, and V4). These are specified for the operating voltage (3) range.
RON = 0.1 V /ΔI (Where ΔI is the current that flows when 0.1 V is applied while the power supply is ON.)
*8 See Table 23 for the relationship between the oscillator frequency and the frame rate frequency.
*9 The V5 voltage regulator circuit regulates within the operating voltage range of the voltage follower.
*10 This is the internal voltage reference supply for the V5 voltage regulator circuit. In the ST7533 , the temperature range
approximately –0.15%/°C.
*11, 12 It indicates the current consumed on ICs alone when the internal oscillator circuit and display are turned on.
The ST7533 is 1/5 biased. Does not include the current due to the LCD panel capacity and wiring capacity.
Applicable only when there is no access from the MPU.
*12 It is the value on a ST7533 having the VREG temperature gradient is –0.15%/°C when the V5 voltage regulator
internal resistor is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com