전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7533 데이터시트(PDF) 23 Page - Sitronix Technology Co., Ltd.

부품명 ST7533
상세설명  33 x 96 Dot Matrix LCD Controller/Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITRONIX [Sitronix Technology Co., Ltd.]
홈페이지  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7533 데이터시트(HTML) 23 Page - Sitronix Technology Co., Ltd.

Back Button ST7533 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
ST7533
Ver 1.0
23/60
2003/07/21
VREG is the IC-internal fixed voltage supply, and its voltage at Ta = 25°C is as shown in Table 9.
Table 9
Part no.
Equipment Type
Thermal Gradient
VREG
ST7533
Internal Power Supply
–0.15 %/°C
–2.1V
α
is set to 1 level of 64 possible levels by the electronic volume function depending on the data set in the 6-bit electronic
volume register. Table 10 shows the value for α depending on the electronic volume register settings.
Rb/Ra is the V5 voltage regulator internal resistor ratio, and can be set to 8 different levels through the V5 voltage regulator
internal resistor ratio set command. The (1 + Rb/Ra) ratio assumes the values shown in Table 11 depending on the 3-bit data
settings in the V5 voltage regulator internal resistor ratio register.
Table 10
D5 D4 D3 D2
D1 D0
α
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
1
0
:
:
1
1
1
1
0
1
1
1
1
1
1
0
1
1
1
1
1
1
63
62
61
:
:
2
1
0
V5 voltage regulator internal resistance ratio register value and (1 + Rb/Ra) ratio (Reference value)
Table 11
Register
ST7533
D2 D1 D0
(1) –0.15 %/°C
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Figures 9, 10 show V5 voltage measured by values of the internal resistance ratio resistor for V5 voltage adjustment and electric
volume resister for each temperature grade model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com