전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7533 데이터시트(PDF) 22 Page - Sitronix Technology Co., Ltd.

부품명 ST7533
상세설명  33 x 96 Dot Matrix LCD Controller/Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITRONIX [Sitronix Technology Co., Ltd.]
홈페이지  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7533 데이터시트(HTML) 22 Page - Sitronix Technology Co., Ltd.

Back Button ST7533 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
ST7533
Ver 1.0
22/60
2003/07/21
The Voltage Regulator Circuit
The step-up voltage generated at VOUT outputs the LCD
driver voltage V5 through the voltage regulator circuit.
Because the ST7533 chips have an internal high-accuracy
fixed voltage power supply with a 64-level electronic volume
function and internal resistors for the V5 voltage regulator,
systems can be constructed without having to include
high-accuracy voltage regulator circuit components.
(VREG thermal gradients approximate -0.15%/°C)
(A) When the V5 Voltage Regulator Internal Resistors Are Used
Through the use of the V5 voltage regulator internal resistors
and the electronic volume function the liquid crystal power
supply voltage V5 can be controlled by commands alone
(without adding any external resistors), making it possible to
adjust the liquid crystal display brightness. The V5 voltage
can be calculated using equation A-1 over the range where
| V5 | < | VOUT |.
Figure 8
()
Rb
Ra
+
1
VEV
V5 =
=
()
Rb
Ra
+
1
(1-
α
162 )
VREG
[∵VEV = (1-
α
162 )
VREG
]
Internal Ra
Internal Rb
VEV(constant voltage supply+electronic volume)
VDD
V5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60