전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3525 데이터시트(PDF) 105 Page - ams AG

부품명 AS3525
상세설명  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3525 데이터시트(HTML) 105 Page - ams AG

Back Button AS3525 Datasheet HTML 101Page - ams AG AS3525 Datasheet HTML 102Page - ams AG AS3525 Datasheet HTML 103Page - ams AG AS3525 Datasheet HTML 104Page - ams AG AS3525 Datasheet HTML 105Page - ams AG AS3525 Datasheet HTML 106Page - ams AG AS3525 Datasheet HTML 107Page - ams AG AS3525 Datasheet HTML 108Page - ams AG AS3525 Datasheet HTML 109Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
105
- 194
Clock Constraining
Different clocks are constraint to different maximum clock speeds. As the clock frequencies can be set by software, care must be taken not to
exceed these maximum clock frequencies.
Table 879 Clock Constraining
Clock Domain
Max. Freq. [MHz]
Description
FCLK
250
Processor Clock
PCLK
65
AHB/APB bus clock
MPMC_CLK
90
MPMC (external memory interface) clock
I2SI MCLK
65
I2S input interface master clock
I2SO MCLK
30
I2S output interface master clock
USB CLK
48
USB interface clock
IDE CLK
90
IDE interface clock
MS CLK
40
Memory Stick Interface clock
Figure 42 Clock Generation Unit Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More