전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3525 데이터시트(PDF) 56 Page - ams AG

부품명 AS3525
상세설명  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3525 데이터시트(HTML) 56 Page - ams AG

Back Button AS3525 Datasheet HTML 52Page - ams AG AS3525 Datasheet HTML 53Page - ams AG AS3525 Datasheet HTML 54Page - ams AG AS3525 Datasheet HTML 55Page - ams AG AS3525 Datasheet HTML 56Page - ams AG AS3525 Datasheet HTML 57Page - ams AG AS3525 Datasheet HTML 58Page - ams AG AS3525 Datasheet HTML 59Page - ams AG AS3525 Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
56
- 194
7.3.5 MCI – SD / MMC Card Interface
Features
•
Conformance to Multimedia Card Specification v2.11
•
Conformance to Secure Digital Memory Card Physical Layer Specification, v0.96
•
uses multimedia card bus or SD card bus.
The PrimeCell™ MCI provides an interface between the APB system bus and multimedia and/or secure digital memory cards. It consists of two
parts:
•
The PrimeCell™ MCI adapter block includes the clock generation unit, the power management control, command and data
transfer
•
the APB interface provides access to the MCI adapter registers, and generates interrupt and DMA request signals.
Figure 21 Multimedia Card Interface Block Diagram
The connections to the Multimedia Card Interface are shared with the General Purpose I/O port-D (GPIO xpd[0:7]). Following diagram shows the
external circuit elements for connection to a SD card adapter. Note that a feedback clock must be routed back to xpd[6]/mci_fbclk.
Figure 22 Connecting SD / MC to GPIO-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More