전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3525 데이터시트(PDF) 161 Page - ams AG

부품명 AS3525
상세설명  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3525 데이터시트(HTML) 161 Page - ams AG

Back Button AS3525 Datasheet HTML 157Page - ams AG AS3525 Datasheet HTML 158Page - ams AG AS3525 Datasheet HTML 159Page - ams AG AS3525 Datasheet HTML 160Page - ams AG AS3525 Datasheet HTML 161Page - ams AG AS3525 Datasheet HTML 162Page - ams AG AS3525 Datasheet HTML 163Page - ams AG AS3525 Datasheet HTML 164Page - ams AG AS3525 Datasheet HTML 165Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
161
- 194
Name
Base
Default
IRQ_ENRD_2
I2C audio master
0x00
Third Interrupt Register
Offset: 0x27
Please be aware that writing to this register will enable/disable the corresponding
interrupts, while with reading you get the actual interrupt status and will clear the
register at the same time. It is not possible to read back the interrupt enable/disable
settings. This register is reset at a DVDD-POR.
Bit
Bit Name
Default
Access
Bit Description
x
R
RTC timer interrupt reading
0: not RTC interrupt occurred
1: RTC timer interrupt occurred.Selecting minute or second
interrupt can be done via RTCT register (0x29)
0
W
ADC end of conversion interrupt setting
0: disable
1: enable
0
ADC_EndCon
(edge)
x
R
ADC end of conversion interrupt reading
0: ADC conversion not finished
1: ADC conversion finished. Read out ADC_0 and ADC_1
register to get the result (0x2E & 0x2F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More