전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3525 데이터시트(PDF) 172 Page - ams AG

부품명 AS3525
상세설명  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3525 데이터시트(HTML) 172 Page - ams AG

Back Button AS3525 Datasheet HTML 168Page - ams AG AS3525 Datasheet HTML 169Page - ams AG AS3525 Datasheet HTML 170Page - ams AG AS3525 Datasheet HTML 171Page - ams AG AS3525 Datasheet HTML 172Page - ams AG AS3525 Datasheet HTML 173Page - ams AG AS3525 Datasheet HTML 174Page - ams AG AS3525 Datasheet HTML 175Page - ams AG AS3525 Datasheet HTML 176Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
172
- 194
8
Pinout and Packaging
8.1
Package Variants
CTBGA (Thin ChipArray BGA) package technology is used for multi-chip-module (MCM) packaging. The following package variants are
available for the product:
Table 160 Package Options
Product
Code
Package
Balls
Ball Matrix
Pitch
[mm]
Height
[mm]
Size
[mm]
Application
AS3525-A
CTBGA
224
15x15, 7 Row
0.8
1.2
13x13
with external SDRAM interface
AS3525-B
CTBGA
144
12x12, full
0.8
1.2
10x10
w/o external SDRAM interface
8.2
CTBGA224 Package Drawings
8.2.1 Marking
Figure 60 CTBGA224 Package Marking
AS3525A
C22O22
AYWWZZZ
Package Code AYYWWZZZ
A
Y
WW
ZZZ
A … for PB free
Year
working week assembly/packaging
Free choice
Figure 61 CTBGA224 Package Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More