전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

09HSI-S042-R0-CHT 데이터시트(PDF) 52 Page - Hirose Electric

부품명 09HSI-S042-R0-CHT
상세설명  IT3 Mezzanine Connector (17mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HIROSE [Hirose Electric]
홈페이지  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

09HSI-S042-R0-CHT 데이터시트(HTML) 52 Page - Hirose Electric

Back Button 09HSI-S042-R0-CHT Datasheet HTML 48Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 49Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 50Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 51Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 52Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 53Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 54Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 55Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 56Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 71 page
background image
Signal Integrity Report – IT3 (17mm)
Page 52
4.2 Time-Domain Simulation
4.2.1 Impedance Profile (connector only)
The impedance profiles for center port 15, right edge port 20, top edge port 29, and top corner
port 30, as portrayed in Figure 84, are shown in Figure 85, Figure 86, Figure 87 and Figure 88.
Figure 84 Single-ended pins for fully populated model
Figure 85 Impedance profile for center port 15 of IT3-17mm (connector only) @120ps rise time (20% to 80%) and 2.625GHz
BW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com