전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

09HSI-S042-R0-CHT 데이터시트(PDF) 37 Page - Hirose Electric

부품명 09HSI-S042-R0-CHT
상세설명  IT3 Mezzanine Connector (17mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HIROSE [Hirose Electric]
홈페이지  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

09HSI-S042-R0-CHT 데이터시트(HTML) 37 Page - Hirose Electric

Back Button 09HSI-S042-R0-CHT Datasheet HTML 33Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 34Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 35Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 36Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 37Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 38Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 39Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 40Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 41Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 71 page
background image
Signal Integrity Report – IT3 (17mm)
Page 37
Base Case 1 does not include crosstalk effects and Base Case 2 includes crosstalk of the channel
model without the connector.
Figure 64 - Figure 66 show the eye diagrams at receiver inputs for various data rates (3.125, 5
6.25 and 10Gbps) with via transition in the 16th PCB routing layer and with 14 FEXT.
The full IT3 channel model (raw data with connector), Base Case 1 (data without connector and
vias) and Base Case 2 (data without connector only) are portrayed in Figure 63.
Table 13 and Table 14 summarize the corresponding results for the eye diagram and their
comparison with Base Case 1 and Base Case 2. Column ΔIT3 is the timing jitter or voltage loss
caused by the IT3 connector (with and without vias).
Figure 63 Channel models used for eye diagram simulations
Data Rate
(Gbps)
PRE-
CURSOR[1]
MAIN
CURSOR
POST-
CURSOR[1]
3.125
-----
0.9056
-0.0944
5
-----
0.8747
-0.1253
6.25
-0.0359
0.8278
-0.1363
10
-0.0694
0.7635
-0.1670
Table 10 Base case 1: optimum tap setting coefficients for center pair 8 of IT3-17mm connector
Data Rate
(Gbps)
PRE-
CURSOR[1]
MAIN
CURSOR
POST-
CURSOR[1]
3.125
-----
0.8939
-0.1061
5
-----
0.8611
-0.1389
6.25
-0.0435
0.8099
-0.1466
10
-0.0826
0.7424
-0.1751
Table 11 Base case 2: optimum tap setting coefficients for center pair 8 of IT3-17mm connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com