전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

09HSI-S042-R0-CHT 데이터시트(PDF) 27 Page - Hirose Electric

부품명 09HSI-S042-R0-CHT
상세설명  IT3 Mezzanine Connector (17mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HIROSE [Hirose Electric]
홈페이지  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

09HSI-S042-R0-CHT 데이터시트(HTML) 27 Page - Hirose Electric

Back Button 09HSI-S042-R0-CHT Datasheet HTML 23Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 24Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 25Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 26Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 27Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 28Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 29Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 30Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 31Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 71 page
background image
Signal Integrity Report – IT3 (17mm)
Page 27
Figure 43 Impedance profile for center pair 8 of IT3-17mm (connector only) @60ps rise time (20% to 80%) and 5.25GHz BW,
and @30ps rise time (20% to 80%) and 10.5GHz BW
Figure 44 Impedance profile for right edge pair 10 of IT3-17mm (connector only) @60ps rise time (20% to 80%) and 5.25GHz
BW, and @30ps rise time (20% to 80%) and 10.5GHz BW
Figure 45 Impedance profile for top edge pair 14 of IT3-17mm (connector only) @60ps rise time (20% to 80%) and 5.25GHz
BW, and @30ps rise time (20% to 80%) and 10.5GHz BW
ReceptacleReceptacle
Interposer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com