전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

09HSI-S042-R0-CHT 데이터시트(PDF) 26 Page - Hirose Electric

부품명 09HSI-S042-R0-CHT
상세설명  IT3 Mezzanine Connector (17mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HIROSE [Hirose Electric]
홈페이지  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

09HSI-S042-R0-CHT 데이터시트(HTML) 26 Page - Hirose Electric

Back Button 09HSI-S042-R0-CHT Datasheet HTML 22Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 23Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 24Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 25Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 26Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 27Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 28Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 29Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 30Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 71 page
background image
Signal Integrity Report – IT3 (17mm)
Page 26
Figure 41 RL profile for pair 8 of cascaded model of connector, vias and 152.4mm+152.4mm (6”+6”) PCB traces
3.2 Time-Domain Simulation
3.2.1 Impedance Profile (connector only)
The impedance profiles for center pair 8, right edge pair 10, top edge pair 14, and top corner
pair 15 of the fully populated model (connector only), as portrayed in Figure 42, are shown in
Figure 43 - Figure 46.
Figure 42 Differential pairs for fully populated model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com