전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8S105C4B3 데이터시트(PDF) 67 Page - STMicroelectronics

부품명 STM8S105C4B3
상세설명  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3 데이터시트(HTML) 67 Page - STMicroelectronics

Back Button STM8S105C4B3 Datasheet HTML 63Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 64Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 65Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 66Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 67Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 68Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 69Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 70Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 127 page
background image
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
0.6
LSI RC osc.
(128 kHz)
fCPU = fMASTER = 128 kHz
(1) Data based on characterization results, not tested in production.
(2) Default clock configuration measured with all peripherals off.
Total current consumption in wait mode
10.3.2.2
Table 23: Total current consumption in wait mode at VDD = 5 V
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
mA
2.15
HSE crystal osc.
(16 MHz)
fCPU = fMASTER
= 16 MHz
Supply
current in
wait mode
IDD(WFI)
2.0
1.55
HSE user ext. clock
(16 MHz)
1.9
1.5
HSI RC osc.
(16 MHz)
1.3
HSI RC osc.
(16 MHz)
fCPU = fMASTER/128
= 125 kHz
0.7
HSI RC osc.
(16 MHz/8)
(2)
fCPU = fMASTER/128
= 15.625 kHz
0.5
LSI RC osc.
(128 kHz)
fCPU = fMASTER
= 128 kHz
(1) Data based on characterization results, not tested in production.
(2) Default clock configuration measured with all peripherals off.
67/127
DocID14771 Rev 9
Electrical characteristics
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com