전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8S105C4B3 데이터시트(PDF) 24 Page - STMicroelectronics

부품명 STM8S105C4B3
상세설명  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3 데이터시트(HTML) 24 Page - STMicroelectronics

Back Button STM8S105C4B3 Datasheet HTML 20Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 21Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 22Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 23Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 24Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 25Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 26Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 27Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 127 page
background image
Figure 5: LQFP/VFQFPN/UFQFPN 32-pin pinout
32 31 30 29 28 27 26 25
24
23
22
21
20
19
18
17
9 10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
VCAP
V DD
V DDIO
AIN12/PF4
NRST
OSCIN/PA1
OSCOUT/PA2
V SS
PC3 (HS)/TIM1_CH3
PC2 (HS)/TIM1_CH2
PC1 (HS)/TIM1_CH1/UART2_CK
PE5/SPI_NSS
PC7 (HS)/SPI_MISO
PC6 (HS)/SPI_MOSI
PC5 (HS)/SPI_SCK
PC4 (HS)/TIM1_CH4
1. (HS) high sink capability.
2. [ ] alternate function remapping option (If the same alternate function is shown twice, it
indicates an exclusive choice not a duplication of the function).
DocID14771 Rev 9
24/127
STM8S105xx
Pinout and pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More