전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F193X 데이터시트(PDF) 62 Page - Microchip Technology

부품명 PIC16F193X
상세설명  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F193X 데이터시트(HTML) 62 Page - Microchip Technology

Back Button PIC16F193X Datasheet HTML 58Page - Microchip Technology PIC16F193X Datasheet HTML 59Page - Microchip Technology PIC16F193X Datasheet HTML 60Page - Microchip Technology PIC16F193X Datasheet HTML 61Page - Microchip Technology PIC16F193X Datasheet HTML 62Page - Microchip Technology PIC16F193X Datasheet HTML 63Page - Microchip Technology PIC16F193X Datasheet HTML 64Page - Microchip Technology PIC16F193X Datasheet HTML 65Page - Microchip Technology PIC16F193X Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 60
Preliminary
© 2008 Microchip Technology Inc.
3.4.2
WDT CONTROL
The WDTE<1:0> bits are located in the Configuration
Word Register 1. When set to ‘11’, the WDT runs
continuously. When entering Sleep the WDT is always
cleared. When set to ‘10’, the WDT is enabled while
running, and disabled during Sleep. When ‘01’ the
WDT is under control of the SWDTEN bit, and when
‘00’ the WDT is always disabled.
The WDTCON register contains the SWDTEN bit and
WDTPS<4:0> bits. When the WDTE<1:0> bits in the
Configuration Word 1 register are anything but ‘01’, the
SWDTEN bit has no effect. When WDTE = 01, the
SWDTEN bit can be used to enable and disable the
WDT. Setting the bit will enable the WDT and clearing
the bit will disable the WDT.
The WDTPS<4:0> bits control the prescaler. See
Register 3-1. The Reset value of WDTCON gives a
nominal WDT interval of ~2s. Upon Reset, the
SWDTEN value will leave the WDT disabled if
WDTE<1:0> is ‘01’ in the Configuration Word. The
prescaler will always be cleared on a Reset.
FIGURE 3-3:
WATCHDOG TIMER BLOCK DIAGRAM
LFINTOSC
23-bit Programmable
Prescaler WDT
WDT Time-out
WDTE<1:0> = 00
WDTPS<4:0>
SWDTEN
Sleep
WDTE<1:0> = 11
WDTE<1:0> = 01
WDTE<1:0> = 10
TABLE 3-3:
WDT STATUS
Conditions
WDT
WDTE<1:0> = 00
Cleared
WDTE<1:0> = 01 and SWDTEN = 0
WDTE<1:0> = 10 and enter Sleep
CLRWDT
Command
Oscillator Fail Detected
Exit Sleep + System Clock = T1OSC, EXTRC, INTOSC, EXTCLK
Exit Sleep + System Clock = XT, HS, LP
Cleared until the end of OST
Change INTOSC divider (IRCF bits)
Unaffected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com