전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 1267 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 1267 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 1263Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1264Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1265Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1266Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1267Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1268Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1269Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1270Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1271Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1267 / 1348 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
1269
Table A-22. Oscillator Characteristics
Conditions are shown in Table A-4 unless otherwise noted
Num
C
Rating
Symbol
Min
Typ
Max
Unit
1a
C Crystal oscillator range (loop controlled Pierce)
fOSC
4.0
—
16
MHz
1b
C Crystal oscillator range (full swing Pierce)1, 2
1 Depending on the crystal a damping series resistor might be necessary
2 XCLKS = 0
fOSC
0.5
—
40
MHz
2
P Startup current
iOSC
100
—
—
µA
3
C Oscillator start-up time (loop controlled Pierce)
tUPOSC
——3
3 f
osc = 4 MHz, C = 22 pF.
504
4 Maximum value is for extreme cases using high Q, low frequency crystals
ms
4
D Clock quality check time-out
tCQOUT
0.45
2.5
s
5
P Clock monitor failure assert frequency
fCMFA
50
100
200
KHz
6
P External square wave input frequency
fEXT
0.5
—
80
MHz
7
D External square wave pulse width low
tEXTL
5—
—
ns
8
D External square wave pulse width high
tEXTH
5—
—
ns
9
D External square wave rise time
tEXTR
——
1
ns
10
D External square wave fall time
tEXTF
——
1
ns
11
D Input capacitance (EXTAL, XTAL inputs)
CIN
—7—
pF
12
P EXTAL pin input high voltage5
5 If full swing Pierce oscillator/external clock circuitry is used. (XCLKS = 0)
VIH,EXTAL
0.75*
VDDPLL
——
V
T EXTAL pin input high voltage5
VIH,EXTAL
——
VDDPLL +
0.3
V
13
P EXTAL pin input low voltage5
VIL,EXTAL
—
—
0.25*
VDDPLL
V
T EXTAL pin input low voltage5
VIL,EXTAL
VSSPLL –
0.3
——
V
14
C EXTAL pin input hysteresis5
VHYS,EXTAL
—
250
—
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com