전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 1269 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 1269 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 1265Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1266Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1267Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1268Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1269Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1270Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1271Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1272Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1273Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1269 / 1348 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
1271
And finally the frequency relationship is defined as
With the above values the resistance can be calculated. The example is shown for a loop bandwidth
fC = 20 kHz:
The capacitance Cs can now be calculated as:
The capacitance Cp should be chosen in the range of:
A.5.3.2
Jitter Information
The basic functionality of the PLL is shown in Figure A-3. With each transition of the clock fcmp, the
deviation from the reference clock fref is measured and input voltage to the VCO is adjusted
accordingly.The adjustment is done continuously with no abrupt changes in the clock output frequency.
Noise, voltage, temperature and other factors cause slight variations in the control loop resulting in a clock
jitter. This jitter affects the real minimum and maximum clock periods as illustrated in Figure A-4.
Figure A-4. Jitter Definitions
f
C
2
ζ f
ref
⋅⋅
πζ
1
ζ
2
+
+
⎝⎠
⎛⎞
⋅
-------------------------------------------
1
10
-----
f
C
f
ref
410
⋅
-------------
ζ 0.9
=
()
;
<
→
⋅
<
fC < 100kHz
n
f
VCO
f
ref
---------------
2
synr
1
+
()
⋅
==
= 20
R
2
π nf
C
⋅⋅ ⋅
KΦ
-----------------------------
2 π 20 20kHz
⋅⋅
⋅
539.1Hz
() Ω
⁄
------------------------------------------
4.7kΩ
=
=
=
C
s
2
ζ
2
⋅
π f
C
R
⋅⋅
----------------------
0.516
f
C
R
⋅
---------------
ζ 0.9
=
()
;
==
= 5.5nF = ~ 4.7nF
C
s
20
------
C
p
C
s
10
------
≤≤
CP = 470pF
2
3
N-1
N
1
0
tnom
tmax1
tmin1
tmaxN
tminN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com