전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 1276 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 1276 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 1272Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1273Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1274Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1275Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1276Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1277Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1278Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1279Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1280Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1276 / 1348 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.21
1278
Freescale Semiconductor
In Figure A-10 the timing diagram for slave mode with transmission format CPHA = 1 is depicted.
Figure A-10. SPI Slave Timing (CPHA = 1)
In Table A-27 the timing characteristics for slave mode are listed.
Table A-27. SPI Slave Mode Timing Characteristics
Num
C
Characteristic
Symbol
Min
Typ
Max
Unit
1
D
SCK frequency
fsck
DC
—
1
/4fbus
1
D
SCK period
tsck
4—
∞
tbus
2
D
Enable lead time
tlead
4—
—
tbus
3
D
Enable lag time
tlag
4—
—
tbus
4
D
Clock (SCK) high or low time
twsck
4—
—
tbus
5
D
Data setup time (inputs)
tsu
8—
—
ns
6
D
Data hold time (inputs)
thi
8—
—
ns
7
D
Slave access time (time to data active)
ta
—
—
20
ns
8
D
Slave MISO disable time
tdis
—
—
22
ns
9
D
Data valid after SCK edge
tvsck
—
—
29 + 0.5
⋅ tbus1
1 0.5 t
bus added due to internal synchronization delay
ns
10
D
Data valid after SS fall
tvss
—
—
29 + 0.5
⋅ tbus1
ns
11
D
Data hold time (outputs)
tho
20
—
—
ns
12
D
Rise and fall time inputs
trfi
——
8
ns
13
D
Rise and fall time outputs
trfo
——
8
ns
SCK
(Input)
SCK
(Input)
MOSI
(Input)
MISO
(Output)
1
5
6
MSB IN
Bit 6 . . . 1
LSB IN
MSB OUT
Slave LSB OUT
Bit 6 . . . 1
4
4
9
12
13
11
(CPOL = 0)
(CPOL = 1)
SS
(Input)
2
12
13
3
NOTE: Not defined
Slave
7
8
See
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com