전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 1272 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 1272 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 1268Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1269Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1270Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1271Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1272Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1273Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1274Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1275Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1276Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1272 / 1348 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.21
1274
Freescale Semiconductor
A.7
SPI Timing
This section provides electrical parametrics and ratings for the SPI. In Table A-25 the measurement
conditions are listed.
A.7.1
Master Mode
In Figure A-6 the timing diagram for master mode with transmission format CPHA = 0 is depicted.
Figure A-6. SPI Master Timing (CPHA = 0)
In Figure A-7 the timing diagram for master mode with transmission format CPHA=1 is depicted.
Table A-25. Measurement Conditions
Description
Value
Unit
Drive mode
Full drive mode
—
Load capacitance CLOAD
1
, on all outputs
1 Timing specified for equal load on all SPI output pins. Avoid asymmetric load.
50
pF
Thresholds for delay measurement points
(20% / 80%) VDDX
V
SCK
(Output)
SCK
(Output)
MISO
(Input)
MOSI
(Output)
SS1
(Output)
1
9
5
6
MSB IN2
Bit 6 . . . 1
LSB IN
MSB OUT2
LSB OUT
Bit 6 . . . 1
11
4
4
2
10
(CPOL = 0)
(CPOL = 1)
3
13
13
1. If configured as an output.
2. LSBF = 0. For LSBF = 1, bit order is LSB, bit 1, ..., bit 6, MSB.
12
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com