전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MPVR 데이터시트(PDF) 1278 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MPVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MPVR 데이터시트(HTML) 1278 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MPVR Datasheet HTML 1274Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1275Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1276Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1277Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1278Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1279Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1280Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1281Page - Freescale Semiconductor, Inc PC912XDP512F0MPVR Datasheet HTML 1282Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1278 / 1348 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.21
1280
Freescale Semiconductor
Table A-28. Example 1a: Normal Expanded Mode Timing VDD35 = 5.0 V (EWAITE = 0)
No.
C
Characteristic
Symbol
Min
Max
Unit
—
—
Frequency of internal bus
fi
D.C.
40.0
MHz
—
—
Internal cycle time
tcyc
25
∞
ns
—
—
Frequency of external bus
fo
D.C.
20.0
MHz
1
—
External cycle time (selected by EXSTR)
tcyce
50
∞
ns
2
D
Address1 valid to RE fall
1 Includes the following signals: ADDRx, UDS, LDS, and CSx.
tADRE
5—
ns
3
D
Pulse width, RE
PWRE
35
—
ns
4
D
Address1 valid to WE fall
tADWE
5—
ns
5
D
Pulse width, WE
PWWE
23
—
ns
6
D
Read data setup time (if ITHRS = 0)
tDSR
24
—
ns
D
Read data setup time (if ITHRS = 1)
tDSR
28
—
ns
7
D
Read data hold time
tDHR
0—
ns
8
D
Read enable access time
tACCR
11
—
ns
9
D
Write data valid to WE fall
tWDWE
7—
ns
10
D
Write data setup time
tDSW
31
—
ns
11
D
Write data hold time
tDHW
8—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com