| 전자부품 데이터시트 검색엔진 |
|
S5000PAL 데이터시트(PDF) 66 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
S5000PAL 데이터시트(HTML) 66 Page - Intel Corporation |
|
66 / 112 page ![]() Intel ® Server Board S5000PAL / S5000XAL TPS Light Guided Diagnostics Revision 1.7 Intel order number: D31979-010 67 7.3 DIMM Fault LEDs The server board provides a memory fault LED for each DIMM slot. The DIMM fault LED is illuminated when the system BIOS disables the specified DIMM after it reaches a specified number of given failures or if specific critical DIMM failures are detected. See the Intel ® S5000 Series Chipsets Server Board Family Datasheet for more details. TP02310 Figure 22. DIMM Fault LED Locations 7.4 Processor Fault LED The server board provides a Processor Fault LED for each of the two processor sockets. These LEDs will illuminate when a CPU is disabled or a CPU configuration error is detected. TP02311 CPU 2 CPU 1 Figure 23. Processor Fault LED Location |