| 전자부품 데이터시트 검색엔진 |
|
STE12PS 데이터시트(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE12PS 데이터시트(HTML) 40 Page - STMicroelectronics |
|
40 / 44 page ![]() Obsolete Product(s) - Obsolete Product(s) Ball coordinates STE12PS 40/44 21 A POWER_EN1 22 R P12_3 21 AB P3_1-2 22 T SP12 21 B POWER_EN4 22 U NC 21 C POWER_EN7 22 V P7_1-2 21 D POWER_EN10 22 W P7_3 21 E NC 22 Y SP7 21 F NC 22 AA NC 21 G NC 22 AB NC 21 H NC 21 J NC 21 K NC 21 L NC 21 M NC 21 N NC 21 P NC 21 R NC 21 T NC 21 U NC 21 V NC 21 W NC 21 Y NC 22 A POWER_EN2 22 B POWER_EN5 22 C POWER_EN8 22 D POWER_EN11 22 E NC 22 F P8_1-2 22 G P8_3 22 H SP8 22 J NC 22 K P4_1-2 22 L P4_3 22 M SP4 22 N NC 22 P P12_1-2 Table 13. Pad coordinates (continued) Column Row Pin name Column Row Pin name |