전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA85232 데이터시트(PDF) 32 Page - NXP Semiconductors

부품명 PCA85232
상세설명  LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85232 데이터시트(HTML) 32 Page - NXP Semiconductors

Back Button PCA85232 Datasheet HTML 28Page - NXP Semiconductors PCA85232 Datasheet HTML 29Page - NXP Semiconductors PCA85232 Datasheet HTML 30Page - NXP Semiconductors PCA85232 Datasheet HTML 31Page - NXP Semiconductors PCA85232 Datasheet HTML 32Page - NXP Semiconductors PCA85232 Datasheet HTML 33Page - NXP Semiconductors PCA85232 Datasheet HTML 34Page - NXP Semiconductors PCA85232 Datasheet HTML 35Page - NXP Semiconductors PCA85232 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
PCA85232
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 8 December 2010
32 of 54
NXP Semiconductors
PCA85232
LCD driver for low multiplex rates
[1]
LCD outputs are open-circuit; inputs at VSS or VDD; I2C-bus inactive; VLCD = 8.0 V, VDD = 5.0 V and RAM written with all logic 1.
[2]
External clock with 50 % duty factor.
[3]
For typical values, see Figure 20
[4]
For typical values, see Figure 21
[5]
Variation between any 2 backplanes on a given voltage level; static measured.
[6]
Variation between any 2 segments on a given voltage level; static measured.
LCD outputs
ΔV
O
output voltage variation
on pins BP0 to BP3 and S0 to S159
[5][6]
−30
-
+30
mV
RO
output resistance
VLCD = 5 V
on pins BP0 to BP3
-
1.5
5
k
Ω
on pins S0 to S159
-
2.0
5
k
Ω
Table 18.
Static characteristics …continued
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 1.8 V to 8.0 V; Tamb = −40 °C to +95 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
(1) IDD internal is measured with the internal oscillator.
(2) IDD external is measured with an external clock.
Tamb =30 °C; 1:4 multiplex; VLCD = 8 V; all RAM written with logic 1; no display connected.
Fig 20. IDD with respect to VDD
VDD (V)
16
5
34
2
001aal525
10
15
5
20
25
IDD
(
μA)
0
(2)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com