전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA85232 데이터시트(PDF) 45 Page - NXP Semiconductors

부품명 PCA85232
상세설명  LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85232 데이터시트(HTML) 45 Page - NXP Semiconductors

Back Button PCA85232 Datasheet HTML 41Page - NXP Semiconductors PCA85232 Datasheet HTML 42Page - NXP Semiconductors PCA85232 Datasheet HTML 43Page - NXP Semiconductors PCA85232 Datasheet HTML 44Page - NXP Semiconductors PCA85232 Datasheet HTML 45Page - NXP Semiconductors PCA85232 Datasheet HTML 46Page - NXP Semiconductors PCA85232 Datasheet HTML 47Page - NXP Semiconductors PCA85232 Datasheet HTML 48Page - NXP Semiconductors PCA85232 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
PCA85232
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 8 December 2010
45 of 54
NXP Semiconductors
PCA85232
LCD driver for low multiplex rates
Table 22.
Bump locations
All x/y coordinates represent the position of the center of each bump with respect to the center
(x/y = 0) of the chip; see Figure 32.
Symbol
Bump
X (
μm)
Y (
μm)
Symbol
Bump
X (
μm)
Y (
μm)
SDAACK
1
−1165.3
−481.5
S68
100
750.2
481.5
SDAACK
2
−1111.3
−481.5
S69
101
696.2
481.5
SDAACK
3
−1057.3
−481.5
S70
102
642.2
481.5
SDA
4
−854.8
−481.5
S71
103
588.2
481.5
SDA
5
−800.8
−481.5
S72
104
534.2
481.5
SDA
6
−746.8
−481.5
S73
105
480.2
481.5
SCL
7
−575.8
−481.5
S74
106
426.2
481.5
SCL
8
−521.8
−481.5
S75
107
372.2
481.5
SCL
9
−467.8
−481.5
S76
108
318.2
481.5
CLK
10
−316.2
−481.5
S77
109
264.2
481.5
VDD
11
−204.1
−481.5
S78
110
210.2
481.5
VDD
12
−150.1
−481.5
S79
111
156.2
481.5
VDD
13
−96.1
−481.5
BP0
112
86.8
481.5
SYNC
14
6.9
−481.5
BP2
113
32.8
481.5
OSC
15
119.4
−481.5
BP1
114
−21.2
481.5
T1
16
203.1
−481.5
BP3
115
−75.2
481.5
T2
17
286.8
−481.5
S80
116
−190.7
481.5
T3
18
389.9
−481.5
S81
117
−244.7
481.5
T3
19
443.9
−481.5
S82
118
−298.7
481.5
T3
20
497.9
−481.5
S83
119
−352.7
481.5
A0
21
640.5
−481.5
S84
120
−406.7
481.5
A1
22
724.2
−481.5
S85
121
−460.7
481.5
SA0
23
807.9
−481.5
S86
122
−514.7
481.5
VSS
24
893.0
−481.5
S87
123
−568.7
481.5
VSS
25
947.0
−481.5
S88
124
−622.7
481.5
VSS
26
1001.0
−481.5
S89
125
−676.7
481.5
VLCD
27
1107.2
−481.5
S90
126
−730.7
481.5
VLCD
28
1161.2
−481.5
S91
127
−784.7
481.5
VLCD
29
1215.2
−481.5
S92
128
−838.7
481.5
BP2
30
1303.4
−481.5
S93
129
−892.7
481.5
BP0
31
1357.4
−481.5
S94
130
−946.7
481.5
S0
32
1411.4
−481.5
S95
131
−1000.7
481.5
S1
33
1465.4
−481.5
S96
132
−1054.7
481.5
S2
34
1519.4
−481.5
S97
133
−1108.7
481.5
S3
35
1573.4
−481.5
S98
134
−1224.2
481.5
S4
36
1627.4
−481.5
S99
135
−1278.2
481.5
S5
37
1681.4
−481.5
S100
136
−1332.2
481.5
S6
38
1735.4
−481.5
S101
137
−1386.2
481.5
S7
39
1789.4
−481.5
S102
138
−1440.2
481.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54