전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA85232 데이터시트(PDF) 36 Page - NXP Semiconductors

부품명 PCA85232
상세설명  LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85232 데이터시트(HTML) 36 Page - NXP Semiconductors

Back Button PCA85232 Datasheet HTML 32Page - NXP Semiconductors PCA85232 Datasheet HTML 33Page - NXP Semiconductors PCA85232 Datasheet HTML 34Page - NXP Semiconductors PCA85232 Datasheet HTML 35Page - NXP Semiconductors PCA85232 Datasheet HTML 36Page - NXP Semiconductors PCA85232 Datasheet HTML 37Page - NXP Semiconductors PCA85232 Datasheet HTML 38Page - NXP Semiconductors PCA85232 Datasheet HTML 39Page - NXP Semiconductors PCA85232 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
PCA85232
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 8 December 2010
36 of 54
NXP Semiconductors
PCA85232
LCD driver for low multiplex rates
Fig 24. Driver timing waveforms
001aah848
tPD(drv)
tSYNC_NL
tPD(SYNC_N)
CLK
SYNC
BP0 to BP3,
and S0 to S159
tclk(H)
tclk(L)
1 / fCLK
0.7 VDD
0.3 VDD
0.7 VDD
0.3 VDD
0.5 V
(VDD = 5 V)
0.5 V
Fig 25. I2C-bus timing waveforms when SDA and SDAACK are connected
013aaa110
tf
70 %
30 %
SDA
tf
70 %
30 %
S
tr
70 %
30 %
70 %
30 %
tHD;DAT
SCL
1 / fSCL
1st clock cycle
70 %
30 %
70 %
30 %
tr
tVD;ACK
cont.
cont.
SDA
SCL
tSU;STA
tHD;STA
Sr
tSP
tSU;STO
tBUF
P
S
tHIGH
9th clock
tHD;STA
tLOW
70 %
30 %
tVD;ACK
9th clock
tSU;DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com