| 전자부품 데이터시트 검색엔진 |
|
PCA85232 데이터시트(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA85232 데이터시트(HTML) 6 Page - NXP Semiconductors |
|
6 / 54 page ![]() PCA85232 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 1 — 8 December 2010 6 of 54 NXP Semiconductors PCA85232 LCD driver for low multiplex rates 7. Functional description The PCA85232 is a versatile peripheral device designed to interface between any microprocessor or microcontroller to a wide variety of LCD segment or dot matrix displays (see Figure 3). It can directly drive any static or multiplexed LCD containing up to four backplanes and up to 160 segments. The display configurations possible with the PCA85232 depend on the required number of active backplane outputs. A selection of display configurations is given in Table 4. All of the display configurations given in Table 4 can be implemented in a typical system as shown in Figure 4. Fig 3. Example of displays suitable for PCA85232 Table 4. Selection of possible display configurations Number of Backplanes Icons Digits/Characters Dot matrix/ Elements 7-segment 14-segment 4 640 80 40 640 dots (4 × 160) 3 480 60 30 480 dots (3 × 160) 2 320 40 20 320 dots (2 × 160) 1 160 20 10 160 dots (1 × 160) 7-segment with dot 14-segment with dot and accent 013aaa312 dot matrix |