전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA85232DA 데이터시트(PDF) 44 Page - NXP Semiconductors

부품명 PCA85232DA
상세설명  LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85232DA 데이터시트(HTML) 44 Page - NXP Semiconductors

Back Button PCA85232DA Datasheet HTML 40Page - NXP Semiconductors PCA85232DA Datasheet HTML 41Page - NXP Semiconductors PCA85232DA Datasheet HTML 42Page - NXP Semiconductors PCA85232DA Datasheet HTML 43Page - NXP Semiconductors PCA85232DA Datasheet HTML 44Page - NXP Semiconductors PCA85232DA Datasheet HTML 45Page - NXP Semiconductors PCA85232DA Datasheet HTML 46Page - NXP Semiconductors PCA85232DA Datasheet HTML 47Page - NXP Semiconductors PCA85232DA Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
PCA85232
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 8 December 2010
44 of 54
NXP Semiconductors
PCA85232
LCD driver for low multiplex rates
13. Bare die outline
Fig 32. Bare die outline of PCA85232
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
PCA85232U
pca85232_do
Unit
mm
max
nom
min
0.018
0.015
0.012
0.380
6.5
1.16 0.054 0.2025
A1(1)
Dimensions
Note
1. Dimension not drawn to scale.
Bare die; 197 bumps; 6.5 x 1.16 x 0.40 mm
PCA85232U
A2(1)
b(1)
0.0338
D
0.40
A(1)
Ee(1)
e1(1)
L(1)
0.090
0
1
2 mm
scale
detail Y
b
e
L
e1
X
detail X
A2
A
A1
Y
197
167
C1
S1
60
166
61
0
0
D
E
+y
+x
10-02-03
1
Marking code: PC85132/232-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com