전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA85232DA 데이터시트(PDF) 46 Page - NXP Semiconductors

부품명 PCA85232DA
상세설명  LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85232DA 데이터시트(HTML) 46 Page - NXP Semiconductors

Back Button PCA85232DA Datasheet HTML 42Page - NXP Semiconductors PCA85232DA Datasheet HTML 43Page - NXP Semiconductors PCA85232DA Datasheet HTML 44Page - NXP Semiconductors PCA85232DA Datasheet HTML 45Page - NXP Semiconductors PCA85232DA Datasheet HTML 46Page - NXP Semiconductors PCA85232DA Datasheet HTML 47Page - NXP Semiconductors PCA85232DA Datasheet HTML 48Page - NXP Semiconductors PCA85232DA Datasheet HTML 49Page - NXP Semiconductors PCA85232DA Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
PCA85232
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 8 December 2010
46 of 54
NXP Semiconductors
PCA85232
LCD driver for low multiplex rates
S8
40
1843.4
−481.5
S103
139
−1494.2
481.5
S9
41
1897.4
−481.5
S104
140
−1548.2
481.5
S10
42
1951.4
−481.5
S105
141
−1602.2
481.5
S11
43
2005.4
−481.5
S106
142
−1656.2
481.5
S12
44
2059.4
−481.5
S107
143
−1710.2
481.5
S13
45
2113.4
−481.5
S108
144
−1764.2
481.5
S14
46
2167.4
−481.5
S109
145
−1818.2
481.5
S15
47
2221.4
−481.5
S110
146
−1872.2
481.5
S16
48
2363.9
−481.5
S111
147
−1926.2
481.5
S17
49
2417.9
−481.5
S112
148
−1980.2
481.5
S18
50
2471.9
−481.5
S113
149
−2034.2
481.5
S19
51
2525.9
−481.5
S114
150
−2088.2
481.5
S20
52
2579.9
−481.5
S115
151
−2142.2
481.5
S21
53
2633.9
−481.5
S116
152
−2284.7
481.5
S22
54
2687.9
−481.5
S117
153
−2338.7
481.5
S23
55
2741.9
−481.5
S118
154
−2392.7
481.5
S24
56
2795.9
−481.5
S119
155
−2446.7
481.5
S25
57
2849.9
−481.5
S120
156
−2500.7
481.5
S26
58
2903.9
−481.5
S121
157
−2554.7
481.5
S27
59
2957.9
−481.5
S122
158
−2608.7
481.5
S28
60
3011.9
−481.5
S123
159
−2662.7
481.5
S29
61
3067.7
481.5
S124
160
−2716.7
481.5
S30
62
3013.7
481.5
S125
161
−2770.7
481.5
S31
63
2959.7
481.5
S126
162
−2824.7
481.5
S32
64
2905.7
481.5
S127
163
−2878.7
481.5
S33
65
2851.7
481.5
S128
164
−2932.7
481.5
S34
66
2797.7
481.5
S129
165
−2986.7
481.5
S35
67
2743.7
481.5
S130
166
−3040.7
481.5
S36
68
2689.7
481.5
S131
167
−3025.2
−481.5
S37
69
2635.7
481.5
S132
168
−2971.2
−481.5
S38
70
2520.2
481.5
S133
169
−2917.2
−481.5
S39
71
2466.2
481.5
S134
170
−2863.2
−481.5
S40
72
2412.2
481.5
S135
171
−2809.2
−481.5
S41
73
2358.2
481.5
S136
172
−2755.2
−481.5
S42
74
2304.2
481.5
S137
173
−2701.2
−481.5
S43
75
2250.2
481.5
S138
174
−2647.2
−481.5
S44
76
2196.2
481.5
S139
175
−2593.2
−481.5
S45
77
2142.2
481.5
S140
176
−2539.2
−481.5
S46
78
2088.2
481.5
S141
177
−2485.2
−481.5
Table 22.
Bump locations …continued
All x/y coordinates represent the position of the center of each bump with respect to the center
(x/y = 0) of the chip; see Figure 32.
Symbol
Bump
X (
μm)
Y (
μm)
Symbol
Bump
X (
μm)
Y (
μm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54