전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MNSC140CORE 데이터시트(PDF) 58 Page - Freescale Semiconductor, Inc

부품명 MNSC140CORE
상세설명  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE 데이터시트(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 54Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 55Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 56Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 57Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 58Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 59Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 60Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 61Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 80 page
background image
MSC8102 Quad Core Digital Signal Processor, Rev. 12
3-6
Freescale Semiconductor
Packaging
DP2
R19
GND
C10
DP3
R17
GND
C12
DP4
T17
GND
C14
DP5
T16
GND
C15
DP6
R16
GND
D5
DP7
R15
GND
D9
DRACK1
F19
GND
D11
DRACK2
G22
GND
D13
DREQ1
G19
GND
D21
DREQ1
P19
GND
E8
DREQ2
F18
GND
E10
DREQ2
R17
GND
E12
DREQ3
R16
GND
E14
DREQ4
R15
GND
E15
DSI64
U4
GND
E17
DSISYNC
T4
GND
E18
EE0
D3
GND
F7
EE1
D4
GND
F11
EXT_BG2
T18
GND
F13
EXT_BG3
T16
GND
F15
EXT_BR2
P19
GND
G20
EXT_BR3
R17
GND
J6
EXT_DBG2
R19
GND
J14
EXT_DBG3
T17
GND
J20
GBL
R10
GND
K10
GND
B4
GND
K11
GND
B5
GND
K12
GND
B7
GND
K13
GND
B9
GND
K19
GND
B11
GND
L9
GND
B13
GND
L10
GND
B15
GND
L14
GND
B17
GND
L16
GND
B22
GND
L17
GND
C2
GND
M5
GND
C8
GND
M6
Table 3-1.
MSC8102 Signal Listing By Name (Continued)
Signal Name
Location
Designator
Signal Name
Location
Designator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80