| 전자부품 데이터시트 검색엔진 |
|
AP02002 데이터시트(PDF) 1 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP02002 데이터시트(HTML) 1 Page - Diodes Incorporated |
|
1 / 32 page ![]() AP02002 Rev. 44 1 of 32 www.diodes.com Package Outline Dimensions © Diodes Incorporated PACKAGE OUTLINE DIMENSIONS Surface Mount Packages DFN0603H3-2 L (2x) E b (2x) D A1 (2x) A e Z DFN0603H3-2 Dim Min Max Typ A 0.27 0.33 0.30 A1 0.00 0.03 0.02 b 0.18 0.28 0.23 D 0.595 0.645 0.62 E 0.295 0.345 0.32 e - - 0.355 L 0.125 0.225 0.175 Z - - 0.045 All Dimensions in mm DFN1006-2 / DFN1006H4-2 L E b R e D A1 A DFN1006-2 Dim Min Max Typ A 0.47 0.53 0.50 A1 0 0.05 0.03 b 0.45 0.55 0.50 D 0.95 1.075 1.00 E 0.55 0.675 0.60 e - - 0.40 L 0.20 0.30 0.25 R 0.05 0.15 0.10 All Dimensions in mm DFN1006H4-2 Dim Min Max Typ A 0.34 0.4 0.37 A1 0 0.05 0.03 b 0.45 0.55 0.50 D 0.95 1.075 1.00 E 0.55 0.675 0.60 E ⎯ ⎯ 0.40 L 0.20 0.30 0.25 R 0.05 0.15 0.10 All Dimensions in mm DFN1006-3 / DFN1006H4-3 L2 A1 E b2 L1 L3 D e b1 A DFN1006-3 Dim Min Max Typ A 0.47 0.53 0.50 A1 0 0.05 0.03 b1 0.10 0.20 0.15 b2 0.45 0.55 0.50 D 0.95 1.075 1.00 E 0.55 0.675 0.60 e ⎯ ⎯ 0.35 L1 0.20 0.30 0.25 L2 0.20 0.30 0.25 L3 ⎯ ⎯ 0.40 All Dimensions in mm DFN1006H4-3 Dim Min Max Typ A ⎯ 0.40 ⎯ A1 0 0.05 0.03 b1 0.10 0.20 0.15 b2 0.45 0.55 0.50 D 0.95 1.05 1.00 E 0.55 0.65 0.60 e ⎯ ⎯ 0.35 L1 0.20 0.30 0.25 L2 0.20 0.30 0.25 L3 ⎯ ⎯ 0.40 All Dimensions in mm |
유사한 부품 번호 - AP02002 |
|
유사한 설명 - AP02002 |